PART |
Description |
Maker |
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
87C748 P87C748EBAA P87C748EBDDB P87C748EBPN P83C74 |
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO24 80C51 8-bit microcontroller family 2K/64 OTP/ROM/ low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89C51UBPN P89C52UBA 89C58 P89C58UBAA P89C52UBAA P |
Microcontroller - Datasheet Reference 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
P89C51RB2HBBD P89C51RB2HXX P89C51RC2 P89C51RB2HBA |
80C51 8-bit Flash microcontroller family 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC938FDH P89LPC938FHN P89LPC938FA |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
NXP Semiconductors
|
P89LPC954FA P89LPC954FBD44 |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89LPC936FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
AT80C51RD2 |
80C51 High Performance 8-bit Microcontroller
|
Atmel
|